| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SIM800 bảng dữ liệu(PDF) 155 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 bảng dữ liệu(HTML) 155 Page - SIMCom |
|
155 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 155 2015-08-03 Mode Max Response Time - Reference Note Local DTMF tone can be played in call, play mode is controlled by AT+DTAM. 6.2.14 AT+CDRIND CS Voice/Data Call Termination Indication AT+CDRIND CS Voice/Data Call Termination Indication Response +CDRIND: (list of supported <n>s) OK Test Command AT+CDRIND=? Parameter See Write Command Response +CDRIND: <n> OK Read Command AT+CDRIND? Parameter See Write Command Response OK ERROR Parameter <n> A numeric parameter to enable an unsolicited event code indicating whether a CS voice call, CS data has been terminated. 0 Disable 1 Enable Unsolicited result code When enabled, an unsolicited result code is returned after the connection has been terminated +CDRIND: <type> Write Command AT+CDRIND=< n> Parameter <type> Connection type 0 CSV connection 1 CSD connection 2 PPP connection Parameter Saving Mode NO_SAVE Max Response Time - |