| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SIM800 bảng dữ liệu(PDF) 152 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 bảng dữ liệu(HTML) 152 Page - SIMCom |
|
152 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 152 2015-08-03 +CFGRI: (0,1) OK AT+CFGRI=? Parameters See Write Command Response +CFGRI: <status> OK Read Command AT+CFGRI? Parameters See Write Command Response OK ERROR Write Command AT+CFGRI=<st atus> Parameters <status> 0 Off 1 On(TCPIP,FTP and URC control RI PIN) 2 On(only TCPIP control RI PIN) Parameter Saving Mode AT&W_SAVE Max Response Time - Reference Note RI PIN can not controlled by "AT+CFGRI" command when module has call service or receiving SMS. 6.2.12 AT+CLTS Get Local Timestamp AT+CLTS Get Local Timestamp Test Command AT+CLTS=? Response +CLTS: "yy/MM/dd,hh:mm:ss+/-zz" OK Read Command AT+CLTS? Response +CLTS: <mode> OK Response OK ERROR Write Command AT+CLTS=<mo de> Parameters <mode> |