| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SIM800 bảng dữ liệu(PDF) 91 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 bảng dữ liệu(HTML) 91 Page - SIMCom |
|
91 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 91 2015-08-03 OK If error is related to ME functionality: +CME ERROR: <err> Response TA controls the presentation of an unsolicited result code +CREG: <stat> when <n>=1 and there is a change in the ME network registration status. OK Parameters <n> 0 Disable network registration unsolicited result code 1 Enable network registration unsolicited result code +CREG: <stat> 2 Enable network registration unsolicited result code with location information +CREG: <stat>[,<lac>,<ci>] <stat> 0 Not registered, MT is not currently searching a new operator to register to 1 Registered, home network 2 Not registered, but MT is currently searching a new operator to register to 3 Registration denied 4 Unknown 5 Registered, roaming <lac> String type (string should be included in quotation marks); two byte location area code in hexadecimal format <ci> String type (string should be included in quotation marks); two byte cell ID in hexadecimal format Unsolicited Result Code If <n>=1 and there is a change in the MT network registration status +CREG: <stat> If <n>=2 and there is a change in the MT network registration status or a change of the network cell: +CREG: <stat>[,<lac>,<ci>] Write Command AT+CREG=[<n> ] Parameters See Write Command Parameter Saving Mode AT&W_SAVE Max Response Time - Reference 3GPP TS 27.007 [13] Note |