| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SIM800 bảng dữ liệu(PDF) 52 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 bảng dữ liệu(HTML) 52 Page - SIMCom |
|
52 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 52 2015-08-03 information text which permit the user to identify the individual ME device. <sn> OK AT+GSN Parameters <sn> IMEI of the telephone(International Mobile station Equipment Identity) Parameter Saving Mode NO_SAVE Max Response Time - Reference V.25ter Note The serial number (IMEI) is varied by individual ME device. 2.2.39 AT+ICF Set TE-TA Control Character Framing AT+ICF Set TE-TA Control Character Framing Response +ICF: (list of supported <format>s),(list of supported <parity>s) OK Test Command AT+ICF=? Parameters See Write Command Response +ICF: <format>,<parity> OK Read Command AT+ICF? Parameters See Write Command Response This parameter setting determines the serial interface character framing format and parity received by TA from TE. OK Write Command AT+ICF=<forma t>[,<parity>] Parameters <format> 1 8 data 0 parity 2 stop 2 8 data 1 parity 1 stop 3 8 data 0 parity 1 stop 4 7 data 0 parity 2 stop 5 7 data 1 parity 1 stop 6 7 data 0 parity 1 stop <parity> 0 odd 1 even |