| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SIM800 bảng dữ liệu(PDF) 143 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 bảng dữ liệu(HTML) 143 Page - SIMCom |
|
143 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 143 2015-08-03 6 AT Commands Special for SIMCom 6.1 Overview Command Description AT+SIDET Change the side tone gain level AT+CPOWD Power off AT+SPIC Times remained to input SIM PIN/PUK AT+CMIC Change the microphone gain level AT+CALA Set alarm time AT+CALD Delete alarm AT+CADC Read ADC AT+CSNS Single numbering scheme AT+CDSCB Reset cell broadcast AT+CMOD Configure alternating mode calls AT+CFGRI Indicate RI when using URC AT+CLTS Get local timestamp AT+CLDTMF Local DTMF tone generation AT+CDRIND CS voice/data call termination indication AT+CSPN Get service provider name from SIM AT+CCVM Get and set the voice mail number on the SIM AT+CBAND Get and set mobile operation band AT+CHF Configure hands free operation AT+CHFA Swap the audio channels AT+CSCLK Configure slow clock AT+CENG Switch on or off engineering mode AT+SCLASS0 Store class 0 SMS to SIM when received class 0 SMS AT+CCID Show ICCID AT+CMTE Set critical temperature operating mode or query temperature AT+CMGDA Delete all SMS AT+STTONE Play SIM toolkit tone AT+SIMTONE Generate specific tone AT+CCPD Enable or disable alpha string AT+CGID Get SIM card group identifier AT+MORING Show state of mobile originated call AT+CMGHEX Enable or disable sending non-ascii character SMS AT+CCODE Configure SMS code mode AT+CIURC Enable or disable initial URC presentation |