| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SIM800 bảng dữ liệu(PDF) 139 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 bảng dữ liệu(HTML) 139 Page - SIMCom |
|
139 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 139 2015-08-03 displayed 50 Command data not understood by ME Parameter Saving Mode NO_SAVE Max Response Time - Reference Note Above are the possible terminal response value needed to be responded by application. It’s modem’s responsibility to response for other terminal response value. 5.2.6 AT+STKUSSD STK USSD setup AT+STKUSSD STK USSD setup Response OK Test Command AT+STKUSSD=? Parameters See Write Command Response OK ERROR Write Command AT+STKUSSD=<c ommand> Parameters <command> STK ss command 0 Trigger modem to send STK USSD 4 Trigger modem to send STK USSD but icon cannot be displayed 50 Command data not understood by ME Parameter Saving Mode NO_SAVE Max Response Time - Reference Note Above are the possible terminal response value needed to be responded by application.It’s modem’s responsibility to response for other terminal response value. 5.2.7 AT+STKDTMF STK sending DTMF AT+STKDTMF STK sending DTMF Response OK Test Command AT+STKDTMF=? Parameters See Write Command Write Command AT+STKDTMF=< Response OK |