| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS7030B bảng dữ liệu(PDF) 107 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS7030B bảng dữ liệu(HTML) 107 Page - ams AG |
|
107 / 129 page ![]() Document Feedback AS7030B Functional Description Datasheet • PUBLIC DS000716 • v1-00 • 2020-Jun-10 128 │ 106 7.1.22 FIFO Register FIFO_CFG (Address 0x78) Figure 139: FIFO_CFG Register Addr: 0x78 FIFO_CFG Bit Bit Name Default Access Bit Description 7 Not used 0 RW Not used 6:0 fifo_threshold 0 RW FIFO threshold: The fifo_threshold interrupt is flagged if there are more than this many entries in the FIFO. 0: Interrupt with 1 (16-bit) entry in FIFO 127: Interrupt when FIFO is full but one FIFO_CNTRL (Address 0x79) Figure 140: FIFO_CNTRL Register Addr: 0x79 FIFO_CNTRL Bit Bit Name Default Access Bit Description 7:1 Not used 0 RW Not used 0 fifo_clear 0 PUSH1 Write a 1 here to clear the FIFO. Can be useful when switching from one sequencer mode to another to make sure that there are no old FIFO entries left |