| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9549 bảng dữ liệu(PDF) 61 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9549 bảng dữ liệu(HTML) 61 Page - Analog Devices |
|
61 / 78 page ![]() Preliminary Technical Data AD9549 Rev. PrA | Page 61 of 78 01A0 Free-Run Mode 01A0 00 01A1 00 01A2 00 01A3 00 01A4 00 01A5 Reserved 00 01A6 M 00 01A7 M 00 01A8 M 00 01A9 M 00 01AA M start-up cond. 01AB M FTW0 (Open Loop Frequency Tuning Word) FTW0 [47:0] start-up cond. 01AC- 01AD M Phase (Open Loop Only) DDS Phase Word [15:0] 00 01C0 Reference Selector / Holdover 01C0 M Automatic Control Holdover Mode Automatic Selector Automatic Recover Automatic Holdover 00 01C1 M Override Enable Line-Card Mode Enable Ref Input Override Ref_AB Enable Holdover Override Holdover On/Off 00 01C2 Averaging Window FTW Windowed Average Size [3:0] 00 01C3 Reference Validation Disable Recovery Timer Recovery Timer [4:0] 00 01C4 M, AC Ref Validation (continued) Validate RefA * Validate RefB * 00 * R01C4<1> is not auto-clear, and should be cleared immediately after setting. R01C4<0> is auto clear for both validate bits. 0200 Doubler and Output Drivers 0200 HSTL Driver OPOL (polarity) HSTL Output Doubler 05 0201 CMOS Driver CMOS MUX 00 |