công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ES9842QPRO bảng dữ liệu(PDF) 91 Page - ESS Technology,Inc

tên linh kiện ES9842QPRO
Giải thích chi tiết về linh kiện  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ESS [ESS Technology,Inc]
Trang chủ  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842QPRO bảng dữ liệu(HTML) 91 Page - ESS Technology,Inc

Back Button ES9842QPRO Datasheet HTML 87Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 88Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 89Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 90Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 91Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 92Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 93Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 94Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 95Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 167 page
background image
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
ES9842 PRO Product Datasheet
91
Register 50-43: ASP COEFF
Bits
[63:32]
[31:0]
Default
32'd0
32'd0
Bits
Mnemonic
Description
[63:32]
ASP_COEFF_MSB
A 32 bits coefficient that will be written to the address defined by
ASP_COEFF_ADDR. These last 32 bits are typically used for the
channel 2 data.
[31:0]
ASP_COEFF_LSB
A 32 bits coefficient that will be written to the address defined by
ASP_COEFF_ADDR. These first 32 bits are typically used for the
channel 1 data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More