| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ES9842QPRO bảng dữ liệu(PDF) 90 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9842QPRO bảng dữ liệu(HTML) 90 Page - ESS Technology,Inc |
|
90 / 167 page ![]() CONFIDENTIAL ADVANCE INFORMATION ES9842 PRO Product Datasheet 90 VERSION 0.5 ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM Register 39-38: ASP PROGRAM ADDR Bits [15:9] [8:0] Default 7'd0 9'd0 Bits Mnemonic Description [15:9] RESERVED NA [8:0] ASP_PROGRAM_ADDR Selects the program address when writing custom program codes for either ASP. Register 41-40: ASP PROGRAM Bits [15:14] [13:0] Default 2'd0 14'd0 Bits Mnemonic Description [15:14] RESERVED NA [13:0] ASP_PROGRAM_IN A 14 bits program instruction that will be written to the address of either ASP defined by ASP_PROGRAM_ADDR. Register 42: ASP COEFF ADDR Bits [7:6] [5:0] Default 2'd0 6'd0 Bits Mnemonic Description [7:6] RESERVED NA [5:0] ASP_COEFF_ADDR Selects the coefficient address when writing custom coefficient for either ASP. |