công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ES9842QPRO bảng dữ liệu(PDF) 41 Page - ESS Technology,Inc

tên linh kiện ES9842QPRO
Giải thích chi tiết về linh kiện  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ESS [ESS Technology,Inc]
Trang chủ  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842QPRO bảng dữ liệu(HTML) 41 Page - ESS Technology,Inc

Back Button ES9842QPRO Datasheet HTML 37Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 38Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 39Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 40Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 41Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 42Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 43Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 44Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 45Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 167 page
background image
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
ES9842 PRO Product Datasheet
41
TDM Master Clock Rate Configurations
When using left justified mode (Register 10) remember to enable Register 33 – sync positive edge of frame to correct for
phase differences.
MCLK
Frequen
cy
WS
[kHz]
BCK
[MHz]
TDM
Mode
Chan
-nels
Register 2 [4:0]
SELECT_ADC_
NUM
Register 9
[6:0]
SELECT_I2S_T
DM_NUM
Register 7
[7:5]
MASTER_WS_S
CALE
Register 8
[7]
MASTER_BCK_
DIV1
Value
Divider
Value
Divider
Value
Divider
Value
Divider
22.579
MHz
44.1
5.645
TDM
128
4
5’d3
4
7’d1
2
3’d1
2
1’b0
2
88.2
11.290
4
5’d1
2
7’d0
1
3’d1
2
1’b0
2
176.4
22.579
4
5’d0
1
7’d0
1
3’d0
1
1’b1
1
44.1
11.290
TDM
256
8
5’d3
4
7’d0
1
3’d2
4
1’b0
2
88.2
22.579
8
5’d1
2
7’d0
1
3’d1
2
1’b1
1
44.1
22.579
TDM
512
16
5’d3
4
7’d0
1
3’d2
4
1’b1
1
24.576
MHz
48
6.144
TDM
128
4
5’d3
4
7’d1
2
3’d1
2
1’b0
2
96
12.288
4
5’d1
2
7’d0
1
3’d1
2
1’b0
2
192
24.576
4
5’d0
1
7’d0
1
3’d0
1
1’b1
1
48
12.288
TDM
256
8
5’d3
4
7’d0
1
3’d2
4
1’b0
2
96
24.576
8
5’d1
2
7’d0
1
3’d1
2
1’b1
1
48
24.576
TDM
512
16
5’d3
4
7’d0
1
3’d2
4
1’b1
1
45.158
MHz
44.1
5.645
TDM
128
4
5’d7
8
7’d3
4
3’d1
2
1’b0
2
88.2
11.290
4
5’d3
4
7’d1
2
3’d1
2
1’b0
2
176.4
22.579
4
5’d1
2
7’d0
1
3’d1
2
1’b0
2
44.1
11.290
TDM
256
8
5’d7
8
7’d1
2
3’d2
4
1’b0
2
88.2
22.579
8
5’d3
4
7’d0
1
3’d2
4
1’b0
2
44.1
22.579
TDM
512
16
5’d7
8
7’d0
1
3’d3
8
1’b0
2
49.152
MHz
48
6.144
TDM
128
4
5’d7
8
7’d3
4
3’d1
2
1’b0
2
96
12.288
4
5’d3
4
7’d1
2
3’d1
2
1’b0
2
192
24.576
4
5’d1
2
7’d0
1
3’d1
2
1’b0
2
48
12.288
TDM
256
8
5’d7
8
7’d1
2
3’d2
4
1’b0
2
96
24.576
8
5’d3
4
7’d0
1
3’d2
4
1’b0
2
48
24.576
TDM
512
16
5’d7
8
7’d0
1
3’d3
8
1’b0
2
Table 12 - TDM Master Clock Rate Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More