| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ES9033 bảng dữ liệu(PDF) 88 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9033 bảng dữ liệu(HTML) 88 Page - ESS Technology,Inc |
|
88 / 103 page ![]() a 0.3.1 ES9033 Datasheet Information ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM 88 Read Only Registers Register 224: SYS READ Bits [7:5] [4:3] [2] [1] [0] Default - - - - - Bits Mnemonic Description [7:5] RESERVED NA [4:3] MODES Device mode readback. Based off MODE Pin (Pin 3) • 1’d1: I2C • 1’d2: HW_SERIAL • 1’d3: Reserved • 1’d4: SPI [2] ADDR1 I2C address select bit2. [1] ADDR0 I2C address select bit1. [0] RESERVED NA Register 225: CHIP ID READ Bits [7:0] Default - Bits Mnemonic Description [7:0] CHIP_ID CHIP ID. Register 228-227: RESERVED |