công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA323W bảng dữ liệu(PDF) 68 Page - STMicroelectronics

tên linh kiện STA323W
Giải thích chi tiết về linh kiện  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W bảng dữ liệu(HTML) 68 Page - STMicroelectronics

Back Button STA323W_06 Datasheet HTML 63Page - STMicroelectronics STA323W_06 Datasheet HTML 64Page - STMicroelectronics STA323W_06 Datasheet HTML 65Page - STMicroelectronics STA323W_06 Datasheet HTML 66Page - STMicroelectronics STA323W_06 Datasheet HTML 67Page - STMicroelectronics STA323W_06 Datasheet HTML 68Page - STMicroelectronics STA323W_06 Datasheet HTML 69Page - STMicroelectronics STA323W_06 Datasheet HTML 70Page - STMicroelectronics STA323W_06 Datasheet HTML 71Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 68 / 71 page
background image
User-programmable settings
STA323W
68/71
8.13.1
Thermal warning indicator
If the power stage thermal operating conditions are exceeded, the thermal warning indicator
transmits a signal to the digital logic block to initiate a corrective procedure. This register bit
is set to '0' to indicate a thermal warning and it reverts back to its default state as soon as
the cause of the thermal warning has been corrected.
8.13.2
Fault detect indicator
As soon as the power stage issues a Fault error signal, thereby initiating the Fault recovery
procedure described in Section 8.12, this register bit is set to '0' to indicate the error to the
user. As soon as the fault condition (over-current or thermal) is corrected, this bit is reset
back to its default state.
8.13.3
PLL unlock indicator
Under normal conditions (with the correct clock) the PLL is locked into an internal clocking
frequency. However, if the clock is insufficient or if it is abruptly lost, the PLL lock state is lost
and this information is relayed to the user via setting the PLLUL bit of the Status register to
'1'. As soon as the PLL reverts back to a locked state, this bit is set to '0'.
Table 70.
Thermal warning indicator
Bit
R/W
RST
Name
Description
0R
1RWRAN
0: thermal warning detected
1: normal operation (no thermal warning)
Table 71.
Fault detect indicator
Bit
R/W
RST
Name
Description
1R
1
FAULT
0: fault issued from the power stage
1: normal operation (no fault)
Table 72.
PLL unlock indicator
Bit
R/W
RST
Name
Description
7R
0PLLUL
0: normal operation (PLL is in a locked state)
1: PLL unlock is detected (due to probable
clock loss)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com