công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA323W bảng dữ liệu(PDF) 60 Page - STMicroelectronics

tên linh kiện STA323W
Giải thích chi tiết về linh kiện  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W bảng dữ liệu(HTML) 60 Page - STMicroelectronics

Back Button STA323W_06 Datasheet HTML 56Page - STMicroelectronics STA323W_06 Datasheet HTML 57Page - STMicroelectronics STA323W_06 Datasheet HTML 58Page - STMicroelectronics STA323W_06 Datasheet HTML 59Page - STMicroelectronics STA323W_06 Datasheet HTML 60Page - STMicroelectronics STA323W_06 Datasheet HTML 61Page - STMicroelectronics STA323W_06 Datasheet HTML 62Page - STMicroelectronics STA323W_06 Datasheet HTML 63Page - STMicroelectronics STA323W_06 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 71 page
background image
User-programmable settings
STA323W
60/71
8.4
Mix/bass management
The STA323W provides one post-EQ mixing block per channel. Each channel has two
mixing coefficients, which are each 24-bit signed fractional multipliers, that correspond to
the two channels of input to the mixing block. These coefficients are accessible via the User
Controlled Coefficient RAM described below. The mix coefficients expressed as 24-bit
signed, fractional numbers in the range +1.0 (8388607) to -1.0 (-8388608), are used to
provide three channels of output from two channels of filtered input.
Figure 52.
Mix/bass management block diagram
After mixing, STA323W also permits the implementation of crossover filters on all channels
corresponding to 2.1 bass management operation. Channels 1 and 2 use a 1st order, high-
pass filter and channel 3 uses a 2nd order low-pass filter corresponding to the setting of the
XO bits of I2C register 0Ch. If XO = 000, user specified crossover filters are used.
By default these coefficients correspond to pass-through. However, the user can write these
coefficients in a similar way as the EQ biquads. When user-defined setting is selected, the
user can only write 2nd order crossover filters. This output is then passed on to the Volume
and Limiter block.
C1MX1
High pass
XO
filter
C1MX2
.
Channel #1
from EQ
Channel #2
from EQ
Channel #1
to GC/vol
C2MX1
High pass
XO
filter
C2MX2
.
Channel #2
to GC/vol
C3MX1
Low pass
XO
filter
C3MX2
.
Channel #3
to GC/vol
Crossover frequency determined
by XO setting.
User defined when XO = 000
User defined mix coefficients



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com