công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD780921 bảng dữ liệu(PDF) 7 Page - Renesas Technology Corp

tên linh kiện UPD780921
Giải thích chi tiết về linh kiện  MOS INTEGRATED CIRCUIT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD780921 bảng dữ liệu(HTML) 7 Page - Renesas Technology Corp

Back Button UPD780921 Datasheet HTML 3Page - Renesas Technology Corp UPD780921 Datasheet HTML 4Page - Renesas Technology Corp UPD780921 Datasheet HTML 5Page - Renesas Technology Corp UPD780921 Datasheet HTML 6Page - Renesas Technology Corp UPD780921 Datasheet HTML 7Page - Renesas Technology Corp UPD780921 Datasheet HTML 8Page - Renesas Technology Corp UPD780921 Datasheet HTML 9Page - Renesas Technology Corp UPD780921 Datasheet HTML 10Page - Renesas Technology Corp UPD780921 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7
µPD780921, 780922, 780923, 780924
• 64-Pin Plastic Shrink DIP (750 mil)
µPD780921CW-×××, 780922CW-×××, 780923CW-×××, 780924CW-×××
1. PIN CONFIGURATION (Top View)
Cautions 1. Connect the TEST pin to VSS0 directly.
2. Connect the AVDD pin to VDD0.
3. Connect the AVSS pin to VSS0.
Remark
When the
µPD780921, 780922, 780923, or 780924 is used in application fields that require reduction of the
noise generated from inside the microcontroller, the implementation of noise reduction measures, such as
supplying voltage to VDD0 and VSS1 individually and connecting VSS0 and VSS1 to different ground lines, is
recommended.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
P40/AD0
P41/AD1
P42/AD2
P43/AD3
P44/AD4
P45/AD5
P46/AD6
P47/AD7
P50/A8
P51/A9
P52/A10
P53/A11
P54/A12
P55/A13
P56/A14
P57/A15
VSS0
VDD0
TO70
TO71
TO72
TO73
TO74
TO75
P20/RxD00
P21/TxD00
P22/RxD01
P23/TxD01
P24/TI50/TO50
P25/TI51/TO51
P26/TI52/TO52
VDD1
P67/ASTB
P66/WAIT
P65/WR
P64/RD
P37/RTP7
P36/RTP6
P35/RTP5
P34/RTP4
P33/RTP3
P32/RTP2
P31/RTP1
P30/RTP0
P01/INTP1
P00/INTP0/TOFF7
VSS1
X1
X2
TEST
P03/INTP3/ADTRG
P02/INTP2
RESET
AVDD
AVREF
P10/ANI0
P11/ANI1
P12/ANI2
P13/ANI3
P14/ANI4
P15/ANI5
P16/ANI6
P17/ANI7
AVSS
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40