| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD750004 bảng dữ liệu(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD750004 bảng dữ liệu(HTML) 21 Page - Renesas Technology Corp |
|
21 / 86 page ![]() µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A) 19 Data Sheet U10738EJ3V2DS Fig. 5-3 Program Memory Map (in µPD750008) Note Can be used only in the Mk ΙΙ mode. Remark In addition to the above, the BR PCDE and BR PCXA instructions can cause a branch to an address with only the 8 low-order bits of the PC changed. 0000H Address 0002H MBE RBE 0 INTBT/INT4 (high-order 5 bits) start address 0004H MBE RBE 0 INT0 (high-order 5 bits) start address 0006H MBE RBE 0 INT1 (high-order 5 bits) start address 0008H MBE RBE 0 INTCSI (high-order 5 bits) start address 000AH MBE RBE 0 INTT0 (high-order 5 bits) start address 0020H 007FH 0080H 07FFH 0800H MBE RBE 0 Internal reset start address (high-order 5 bits) 0FFFH 1000H 1FFFH GETI instruction reference table 000CH MBE RBE 0 INTT1 (high-order 5 bits) start address (low-order 8 bits) (low-order 8 bits) (low-order 8 bits) (low-order 8 bits) (low-order 8 bits) (low-order 8 bits) (low-order 8 bits) CALLF !faddr instruction entry address BRCB !caddr instruction branch address Branch address of BR BCXA, BR BCDE, BR !addr, BRA !addr1 or CALLA !addr1Note instruction CALL !addr instruction subroutine entry address BR $addr instruction relative branch address -15 to -1, +2 to +16 Branch destination address and subroutine entry address when GETI instruction is executed BRCB !caddr instruction branch address 765 0 Internal reset start address INTBT/INT4 INT0 INT1 INTCSI INTT0 INTT1 start address start address start address start address start address start address |