công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD750004 bảng dữ liệu(PDF) 53 Page - Renesas Technology Corp

tên linh kiện UPD750004
Giải thích chi tiết về linh kiện  MOS INTEGRATED CIRCUIT
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD750004 bảng dữ liệu(HTML) 53 Page - Renesas Technology Corp

Back Button UPD750004 Datasheet HTML 49Page - Renesas Technology Corp UPD750004 Datasheet HTML 50Page - Renesas Technology Corp UPD750004 Datasheet HTML 51Page - Renesas Technology Corp UPD750004 Datasheet HTML 52Page - Renesas Technology Corp UPD750004 Datasheet HTML 53Page - Renesas Technology Corp UPD750004 Datasheet HTML 54Page - Renesas Technology Corp UPD750004 Datasheet HTML 55Page - Renesas Technology Corp UPD750004 Datasheet HTML 56Page - Renesas Technology Corp UPD750004 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 86 page
background image
µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A)
51
Data Sheet U10738EJ3V2DS
Group
Special
Mne-
monic
SEL
GETINotes 1, 2
Operand
RBn
MBn
taddr
Bytes
2
2
1
Machin-
ing
cycle
2
2
3
3
4
3
Skip
condition
Depends
on the
referenced
instruction.
Depends
on the
referenced
instruction.
Depends
on the
referenced
instruction.
Address-
ing area
*10
*10
Operation
RBS
← n (n = 0 - 3)
MBS
← n (n = 0, 1, 15)
•
µPD750004
When the TBR instruction is used
PC11-0
← (taddr)3-0 + (taddr + 1)
When the TCALL instruction is used
(SP - 4) (SP - 1) (SP - 2)
← PC11-0
(SP - 3)
← MBE, RBE, 0, 0
PC11-0
← (taddr)3-0 + (taddr + 1)
SP
← SP - 4
When an instruction other than the
TBR and TCALL instructions is used
Execution of (taddr)(taddr + 1)
instruction
•
µPD750006, 750008
When the TBR instruction is used
PC12-0
← (taddr)4-0 + (taddr + 1)
When the TCALL instruction is used
(SP - 4) (SP - 1) (SP - 2)
← PC11-0
(SP - 3)
← MBE, RBE, 0, PC12
PC12-0
← (taddr)4-0 + (taddr + 1)
SP
← SP - 4
When an instruction other than the
TBR and TCALL instructions is used
Execution of (taddr)(taddr + 1)
instruction
•
µPD750004
When the TBR instruction is used
PC11-0
← (taddr)3-0 + (taddr + 1)
When the TCALL instruction is used
(SP - 6) (SP - 3) (SP - 4)
← PC11-0
(SP - 5)
← 0, 0, 0, 0
(SP - 2)
← ×, ×, MBE, RBE
PC11-0
← (taddr)3-0 + (taddr + 1)
SP
← SP - 6
When an instruction other than the TBR
and TCALL instructions is used
Execution of (taddr)(taddr + 1)
instruction
Notes 1. The shaded portion is supported in Mk
ΙΙ mode only. The other portions are supported in Mk Ι mode only.
2. TBR and TCALL instructions are assembler pseudo instructions to define tables used for GETI instructions.
........................................................
........................................................
........................................................
........................................................
.....................
.....................
.......................................................................
.......................................................................
.....................



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86