| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP98244 bảng dữ liệu(PDF) 43 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP98244 bảng dữ liệu(HTML) 43 Page - Microchip Technology |
|
43 / 52 page ![]() 2012-2022 Microchip Technology Inc. and its subsidiaries DS20002327D-page 43 MCP98244 7.0 PACKAGING INFORMATION 7.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e Example: 8-Lead 2x3 TDFN ABR 244 25 Part Number Code MCP98244T-BE/MNY ABR |