| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP98244 bảng dữ liệu(PDF) 35 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP98244 bảng dữ liệu(HTML) 35 Page - Microchip Technology |
|
35 / 52 page ![]() 2012-2022 Microchip Technology Inc. and its subsidiaries DS20002327D-page 35 MCP98244 TABLE 5-6: DEVICE RESPONSE WHEN WRITING DATA OR ACCESSING SWPN/CWP/SPAN 2 Status Command ACK Address ACK Data Byte ACK STOP Cmd 3 Write/Clear Cycle Not Protected SWPn/CWP ACK — — ——Yes Yes SWPn/CWP ACK 0xXX1 ACK ——Yes Yes SWPn/CWP ACK 0xXX ACK 0xXX ACK Yes Yes Page/byte write ACK Address ACK Data ACK Yes Yes Protected SWPn NAK 0xXX NAK 0xXX NAK — No CWP ACK — — — — Yes Yes CWP ACK 0xXX ACK — — Yes Yes CWP ACK 0xXX ACK 0xXX ACK Yes Yes Page/byte write ACK Address ACK Data NAK Yes No Protected or Not protected SPA0,1 ACK — — — — Yes/No 4 No SPA0,1 ACK 0xXX ACK — — No SPA0,1 ACK 0xXX ACK 0xXX ACK No Note 1: 0xXX is defined as ‘don’t care’ byte. 2: N or n = 1, 2, 3, and 4 which describes the EEPROM Block number as shown in Table 5-5. 3: I2C stop command is necessary to execute the instructions. 4: The device responds SPA0,1 Commands with ACK, therefore STOP command is not necessary. TABLE 5-7: DEVICE RESPONSE WHEN RPA/RPSN 11 Status Command ACK Address ACK Data Byte ACK STOP Cmd 2 Not Protected RPSn ACK 0xFF NAK 0xFF NAK Yes/No Protected RPSn NAK 0xFF NAK 0xFF NAK Yes/No Protected or Not protected RPA0 ACK 0xFF NAK 0xFF NAK Yes/No RPA1 NAK 0xFF NAK 0xFF NAK Yes/No Note 1: N or n = 1, 2, 3, and 4 which describes the EEPROM Block number as shown in Table 5-5. 2: Since the responses to these read commands are output on the 9th bit, STOP command is not necessary. |