công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPM54504 bảng dữ liệu(PDF) 13 Page - Monolithic Power Systems

tên linh kiện MPM54504
Giải thích chi tiết về linh kiện  16V, Quad DC/DC Power Module with 5A Output Array
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MPS [Monolithic Power Systems]
Trang chủ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM54504 bảng dữ liệu(HTML) 13 Page - Monolithic Power Systems

Back Button MPM54504 Datasheet HTML 9Page - Monolithic Power Systems MPM54504 Datasheet HTML 10Page - Monolithic Power Systems MPM54504 Datasheet HTML 11Page - Monolithic Power Systems MPM54504 Datasheet HTML 12Page - Monolithic Power Systems MPM54504 Datasheet HTML 13Page - Monolithic Power Systems MPM54504 Datasheet HTML 14Page - Monolithic Power Systems MPM54504 Datasheet HTML 15Page - Monolithic Power Systems MPM54504 Datasheet HTML 16Page - Monolithic Power Systems MPM54504 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MPM54504
– 16V, QUAD 5A, POWER MODULE
MPM54504 Rev. 1.0
MonolithicPower.com
13
3/19/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
When the input voltage exceeds the UVLO rising
threshold voltage, the MPM54504 powers up.
The device shuts down when the input voltage
drops below the UVLO falling threshold voltage.
This is non-latch protection.
Soft Start
The MPM54504 employs a soft start (SS)
mechanism to ensure the output ramps smoothly
during start-up. When the EN pin goes high, an
internal current source (6µA) charges the SS
capacitor. During soft start, the soft start voltage
works instead of VFB. The output voltage
smoothly ramps up with the SS voltage. Once
the SS voltage (VSS) rises above VREF, VREF takes
over. At this point, soft start is completed, and
the device enters steady state operation.
The SS capacitor value (CSS) can be calculated
with Equation (1):
SS
SS
SS
REF
t (ms) I ( A)
C (nF)=0.83
V
(V)

(1)
Ensure that the SS time is not too short if the
output capacitance is large. A large capacitance
can prevent the current limit from being reached
during soft start.
Power Good (PG) Indicator
The PG pin is the open drain of a MOSFET that
is connected to VCC (or another voltage source)
through a resistor (e.g. 100kΩ). The MOSFET
turns on when an input voltage is applied, so that
the PG pin is pulled to GND before SS is ready.
After the FB voltage (VFB) reaches 90% of VREF,
the PG pin is pulled high after a 50µs delay.
When VFB drops to 80% of VREF, the PG pin is
pulled low.
If
under-voltage
lockout
(UVLO)
or
over-
temperature protection (OTP) occurs, the PG pin
is pulled low immediately. If an over-current (OC)
condition occurs, the PG pin is pulled low when
VFB drops below 80% of VREF after a 50µs delay.
If an over-voltage (OV) condition occurs, the PG
pin is pulled low when VFB rises above 120% of
VREF after a 50µs delay. If VFB drops below 110%
of VREF, the PG pin is pulled high after a 50µs
delay.
If the input supply fails to power the MPM54504,
PG is clamped low, even if PG is tied to an
external DC source through a pull-up resistor.
Figure 4 shows the relationship between the PG
voltage and the pull-up current.
Figure 5: PG Clamped Voltage vs. Pull-Up
Current
Over-Current Protection (OCP) and Short-
Circuit Protection (SCP)
The MPM54504 has valley current limit control.
The LS-FET monitors the current flowing through
the LS-FET. The HS-FET does not turn on until
the valley current limit disappears. An under-
voltage (UV) condition is triggered if VFB drops
below the UV threshold (typically below 50% of
VREF). Once UVP is triggered, the MPM54504
enters hiccup mode to periodically restart the
part.
During over-current protection (OCP), the device
tries to recover from the OC fault with hiccup
mode. This means that the chip disables the
output power stage and soft-start capacitor, then
automatically tries to initiate a soft start. If the OC
condition remains after soft start ends, the
device repeats this operation until the OC
condition is removed. Then the output rises back
to the regulated voltage. OCP is a non-latch
protection.
Pre-Biased Start-Up
The
MPM54504
has
been
designed
for
monotonic start-up into pre-biased loads. If the
output is pre-biased to a certain voltage during
start-up, the BST voltage is refreshed and
charged, and the voltage on the soft-start
capacitor is also charged. If the BST voltage
exceeds its rising threshold voltage and the soft-
start capacitor voltage exceeds the sensed
output voltage at the FB pin, the part starts to
work normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com