công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPM54504 bảng dữ liệu(PDF) 16 Page - Monolithic Power Systems

tên linh kiện MPM54504
Giải thích chi tiết về linh kiện  16V, Quad DC/DC Power Module with 5A Output Array
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MPS [Monolithic Power Systems]
Trang chủ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM54504 bảng dữ liệu(HTML) 16 Page - Monolithic Power Systems

Back Button MPM54504 Datasheet HTML 12Page - Monolithic Power Systems MPM54504 Datasheet HTML 13Page - Monolithic Power Systems MPM54504 Datasheet HTML 14Page - Monolithic Power Systems MPM54504 Datasheet HTML 15Page - Monolithic Power Systems MPM54504 Datasheet HTML 16Page - Monolithic Power Systems MPM54504 Datasheet HTML 17Page - Monolithic Power Systems MPM54504 Datasheet HTML 18Page - Monolithic Power Systems MPM54504 Datasheet HTML 19Page - Monolithic Power Systems MPM54504 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MPM54504
– 16V, QUAD 5A, POWER MODULE
MPM54504 Rev. 1.0
MonolithicPower.com
16
3/19/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
 
 
OUT
OUT
OUT
2
SW
OUT
IN
VV
V
(1
)
8 f
L C
V
(8)If
using POSCAP capacitors, the ESR dominates
the impedance at the switching frequency. For
simplification, the output ripple can be estimated
with Equation (9):
 
OUT
OUT
OUT
ESR
SW
IN
VV
V
(1
) R
f
L
V
(9)
In addition to considering the output ripple, a
larger-value output capacitor improves the load
transient response. However, the maximum
output capacitor limit should be also considered
in design applications. If the output capacitor
value is too high, the output voltage cannot reach
the design value during the soft-start time, and
the device fails to regulate. The maximum output
capacitor value (CO_MAX) can be calculated using
Equation (10):
O _MAX
LIM_ AVG
OUT
ss
OUT
C
(I
I
) t / V
(10)
Where ILIM_AVG is the average start-up current
during soft start, and tSS is the soft-start time.
PCB Layout Guidelines
The PCB layout is critical for stable operation. A
6-layer layout is recommended to improve
thermal performance. For the best results, refer
to Figure 7 and follow the guidelines below:
1. Keep the power loop as small as possible.
2. Use a large ground plane to connect directly
to PGND. Add as many vias as possible on
the PGND plane, and near the device to
improve thermal performance.
3. Ensure that the high-current paths at GND
and VIN have short, direct, and wide traces.
4. Place the ceramic input capacitor, especially
capacitors with a small package size (0402),
as close to the VIN and PGND pins as
possible to minimize high-frequency noise.
Keep the input capacitor and VIN pin traces
as short and wide as possible.
5. Place the VCC capacitor as close to the VCC
pin and GND as possible.
6. Do not place the GND plane under the device.
2
1
A3
B3
C3
D3
E3
2
1
2
1
2
1
2
1
VOUT4
VOUT2
VOUT1
GND
VIN
2
1
2
1
2
1
2
1
VOUT3
VIN
VOUT1
VOUT2
VOUT3
VOUT4
GND
Vias
GND
GND
Figure 7: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com