công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MP2192GC-Z bảng dữ liệu(PDF) 15 Page - Monolithic Power Systems

tên linh kiện MP2192GC-Z
Giải thích chi tiết về linh kiện  2A, 2.5V to 5.5V, Synchronous Step-Down Converter with 25μA IQ in CSP Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MPS [Monolithic Power Systems]
Trang chủ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2192GC-Z bảng dữ liệu(HTML) 15 Page - Monolithic Power Systems

Back Button MP2192GC-Z Datasheet HTML 11Page - Monolithic Power Systems MP2192GC-Z Datasheet HTML 12Page - Monolithic Power Systems MP2192GC-Z Datasheet HTML 13Page - Monolithic Power Systems MP2192GC-Z Datasheet HTML 14Page - Monolithic Power Systems MP2192GC-Z Datasheet HTML 15Page - Monolithic Power Systems MP2192GC-Z Datasheet HTML 16Page - Monolithic Power Systems MP2192GC-Z Datasheet HTML 17Page - Monolithic Power Systems MP2192GC-Z Datasheet HTML 18Page - Monolithic Power Systems MP2192GC-Z Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
MP2192
– 2A, SYNCHRONOUS STEP-DOWN CONVERTER WITH 25µA IQ
MP2192 Rev. 1.0
MonolithicPower.com
15
5/12/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
short circuit is removed and the output rises
back to the regulation level.
Over-Voltage Protection (VOUT OVP)
The MP2192 monitors VFB to detect over-
voltage (OV) conditions. If VFB rises above
117% of the target voltage, the controller enters
a dynamic regulation period. During this period,
the LS-FET stays on until the low-side current
drops to -1.5A. This discharges the output to
keep it within the normal range.
If the OV condition still remains, the LS-FET
turns on again after a 1µs time delay. The
MP2192 exits this regulation period when VFB
drops below 104% of VREF. If the dynamic
regulation cannot limit the increasing output
voltage, and input OVP occurs when VIN
exceeds 6.2V, the MP2192 stops switching until
the input voltage drops below 5.7V. Then the
MP2192 resumes operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com