| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD78P014 bảng dữ liệu(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD78P014 bảng dữ liệu(HTML) 8 Page - Renesas Technology Corp |
|
8 / 64 page ![]() 6 µPD78P014 AD0 to AD7 : Address/Data Bus A8 to A15 : Address Bus RD : Read Strobe WR : Write Strobe WAIT : Wait ASTB : Address Strobe X1, X2 : Crystal (Main System Clock) XT1, XT2 : Crystal (Subsystem Clock) RESET : Reset ANI0 to ANI7 : Analog Input AVDD : Analog Power Supply AVSS : Analog Ground AVREF : Analog Reference Voltage VDD : Power Supply VPP : Programming Power Supply VSS : Ground P00 to P04 : Port 0 P10 to P17 : Port 1 P20 to P27 : Port 2 P30 to P37 : Port 3 P40 to P47 : Port 4 P50 to P57 : Port 5 P60 to P67 : Port 6 INTP0 to INTP3 : Interrupt From Peripherals TI0 to TI2 : Timer Input TO0 to TO2 : Timer Output SB0, SB1 : Serial Bus SI0, SI1 : Serial Input SO0, SO1 : Serial Output SCK0, SCK1 : Serial Clock PCL : Programmable Clock BUZ : Buzzer Clock STB : Strobe BUSY : Busy |