công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD75P4308GS bảng dữ liệu(PDF) 19 Page - Renesas Technology Corp

tên linh kiện UPD75P4308GS
Giải thích chi tiết về linh kiện  MOS INTEGRATED CIRCUIT
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P4308GS bảng dữ liệu(HTML) 19 Page - Renesas Technology Corp

Back Button UPD75P4308GS Datasheet HTML 15Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 16Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 17Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 18Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 19Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 20Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 21Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 22Page - Renesas Technology Corp UPD75P4308GS Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
µPD75P4308
17
Data Sheet U10909EJ2V1DS
7. INSTRUCTION SET
(1) Representation and coding formats for operands
In the instruction’s operand area, use the following coding format to describe operands corresponding to the
instruction’s operand representations (for further description, refer to RA75X Assembler Package User’s
Manual Language (EEU-1363)). When there are several codes, select and use just one. Uppercase letters,
and + and – symbols are key words that should be entered as they are.
For immediate data, enter an appropriate numerical value or label.
Instead of mem, fmem, pmem, bit, etc., a register flag symbol can be described as a label descriptor (for details,
refer to
µPD754304 User’s Manual (U10123E)). Labels that can be entered for fmem and pmem are restricted.
Representation
Coding format
reg
X, A, B, C, D, E, H, L
reg1
X, B, C, D, E, H, L
rp
XA, BC, DE, HL
rp1
BC, DE, HL
rp2
BC, DE
rp’
XA, BC, DE, HL, XA’, BC’, DE’, HL’
rp’1
BC, DE, HL, XA’, BC’, DE’, HL’
rpa
HL, HL+, HL–, DE, DL
rpa1
DE, DL
n4
4-bit immediate data or label
n8
8-bit immediate data or label
mem
8-bit immediate data or labelNote
bit
2-bit immediate data or label
fmem
FB0H-FBFH, FF0H-FFFH immediate data or label
pmem
FC0H-FFFH immediate data or label
addr
0000H-1FFFH immediate data or label
addr1
0000H-1FFFH immediate data or label (in Mk II mode only)
caddr
12-bit immediate data or label
faddr
11-bit immediate data or label
taddr
20H-7FH immediate data (however, bit0 = 0) or label
PORTn
PORT0-PORT3, PORT5-PORT8
IE
×××
IEBT, IECSI, IET0, IET1, IE0-IE2, IE4
RBn
RB0-RB3
MBn
MB0, MB15
Note When processing 8-bit data, only even addresses can be specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com