| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD75P4308GS bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD75P4308GS bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp |
|
13 / 61 page ![]() µPD75P4308 11 Data Sheet U10909EJ2V1DS 3.4 Recommended Connection of Unused Pins Pin Recommended connection P00/INT4 Connect to VSS or VDD. P01/SCK Connect individually to VSS or VDD via a resistor. P02/SO/SB0 P03/SI Connecto to VSS. P10/INT0 to P12/INT2 Connect to VSS or VDD. P13/TI0/TI1 P20/PTO0 Input mode : connect individually to VSS or VDD P21/PTO1 via a resistor. P22/PCL Output mode : open P23 P30/MD0 to P33/MD3 P50 to P53 Connect to VSS . P60/KR0 to P63/KR3 Input mode : connect individually to VSS or VDD P70/KR4 to P73/KR7 via a resistor. P80, P81 Output mode : open VPP Be sure to connect directly to VDD. |