công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32K311NHT0MPAST bảng dữ liệu(PDF) 32 Page - NXP Semiconductors

tên linh kiện S32K311NHT0MPAST
Giải thích chi tiết về linh kiện  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST bảng dữ liệu(HTML) 32 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 28Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 29Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 30Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 31Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 32Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 33Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 34Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 35Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 146 page
background image
Table 9. HSE firmware memory verification time examples (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
application firmware,
using RSA 2048
cipher.
B). CORE_CLK = 120
MHz; HSE_CLK = 120
MHz.
tECDSA_64KB
Memory verification
of 64 KB of
application firmware,
using ECDSA 521
bits cipher.
—
19.42
—
ms
Device running from
PLL (clocking option
B). CORE_CLK = 120
MHz; HSE_CLK = 120
MHz.
—
tECDSA_1024KB
Memory verification
of 1024 KB of
application firmware,
using ECDSA 521
bits cipher.
—
27.81
—
ms
Device running from
PLL (clocking option
B). CORE_CLK = 120
MHz; HSE_CLK = 120
MHz.
—
tSHA2_256_64KB
Memory verification
of 64 KB of
application firmware,
using SHA2 256 bits
bits cipher.
—
0.64
—
ms
Device running from
PLL (clocking option
B). CORE_CLK = 120
MHz; HSE_CLK = 120
MHz.
—
tSHA2_256_
1024KB
Memory verification
of 1024 KB of
application firmware,
using SHA2 256 bits
bits cipher.
—
9.07
—
ms
Device running from
PLL (clocking option
B). CORE_CLK = 120
MHz; HSE_CLK = 120
MHz.
—
6.6 Supply Monitoring
Certain monitors are present on certain devices. See Power Management chapter in reference manual.
Table 10. Supply Monitoring
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
LVD_V15
Low Voltage Detect
(LVD) on V15,
deassert threshold
(in FPM)
1.34
1.38
1.42
V
—
—
HVD_V15
High Voltage Detect
(HVD) on V15,
assert threshold (in
FPM)
—
2.5
—
V
—
—
LVR_VDD_HV_A
LVR on VDD_HV_A,
assert threshold (in
FPM)
2.77
2.85
2.93
V
—
—
Table continues on the next page...
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 7, 04/2023
Data Sheet: Technical Data
Preliminary Information
32 / 146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com