công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M37544G2SP bảng dữ liệu(PDF) 23 Page - Renesas Technology Corp

tên linh kiện M37544G2SP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37544G2SP bảng dữ liệu(HTML) 23 Page - Renesas Technology Corp

Back Button M37544G2SP Datasheet HTML 19Page - Renesas Technology Corp M37544G2SP Datasheet HTML 20Page - Renesas Technology Corp M37544G2SP Datasheet HTML 21Page - Renesas Technology Corp M37544G2SP Datasheet HTML 22Page - Renesas Technology Corp M37544G2SP Datasheet HTML 23Page - Renesas Technology Corp M37544G2SP Datasheet HTML 24Page - Renesas Technology Corp M37544G2SP Datasheet HTML 25Page - Renesas Technology Corp M37544G2SP Datasheet HTML 26Page - Renesas Technology Corp M37544G2SP Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
7544 Group
Rev.1.04
2004.06.08
page 23 of 66
REJ03B0012-0104Z
(3) Event counter mode
Timer A counts signals input from the P00/CNTR1 pin.
Except for this, the operation in event counter mode is the same
as in timer mode.
The active edge of CNTR1 pin input signal can be selected from
rising or falling by the CNTR1 active edge switch bit .
(4) Pulse width HL continuously measurement mode
In the pulse width HL continuously measurement mode, the pulse
width (“H” and “L” levels) input to the P00/CNTR1 pin is measured.
CNTR1 interrupt request is generated at both rising and falling
edges of CNTR1 pin input signal. Except for this, the operation in
pulse width HL continuously measurement mode is the same as in
period measurement mode.
The count value when trigger input from the CNTR1 pin is ac-
cepted is retained until Timer A is read once.
Timer A can stop counting by setting “1” to the timer A count stop
bit in any mode.
Also, when Timer A underflows, the timer A interrupt request bit is
set to “1”.
Note on Timer A is described below;
■ Note on Timer A
CNTR1 interrupt active edge selection
CNTR1 interrupt active edge depends on the CNTR1 active edge
switch bit.
When this bit is “0”, the CNTR1 interrupt request bit is set to “1” at
the falling edge of the CNTR1 pin input signal. When this bit is “1”,
the CNTR1 interrupt request bit is set to “1” at the rising edge of
the CNTR1 pin input signal.
However, in the pulse width HL continuously measurement mode,
CNTR1 interrupt request is generated at both rising and falling
edges of CNTR1 pin input signal regardless of the setting of
CNTR1 active edge switch bit.
Fig. 22 Structure of timer A mode register
Fig. 23 Timer count source set register 2
Timer A mode register
(TAM : address 001D16, initial value: 0016)
b7
b0
Disable (return “0” when read)
Timer A operating mode bits
b5 b4
0
0 : Timer mode
0
1 : Period measurement mode
1
0 : Event counter mode
1
1 : Pulse width HL continuously
measurement mode
CNTR1 active edge switch bit
0 : Count at rising edge in event counter mode
Measure the falling edge period in period
measurement mode
Falling edge active for CNTR1 interrupt
1 : Count at falling edge in event counter mode
Measure the rising edge period in period
measurement mode
Rising edge active for CNTR1 interrupt
Timer A count stop bit
0 : Count start
1 : Count stop
Timer count source set register 2
(TCSS2 : address 002F16, initial value: 0016)
b7
b0
Timer 1 count source selection bits
b1 b0
0
0 : f(XIN)/16
0
1 : f(XIN)/2
1
0 : On-chip oscillator output
1
1 : Disable
Note : System operates using an on-chip oscillator as a count source
by setting the on-chip oscillator to oscillation enabled by bit 3
of CPUM.
Disable (return “0” when read)
Timer A count source selection bits
b3 b2
0
0 : f(XIN)/16
0
1 : f(XIN)/2
1
0 : On-chip oscillator output
1
1 : Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com