công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M37544G2SP bảng dữ liệu(PDF) 45 Page - Renesas Technology Corp

tên linh kiện M37544G2SP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37544G2SP bảng dữ liệu(HTML) 45 Page - Renesas Technology Corp

Back Button M37544G2SP Datasheet HTML 41Page - Renesas Technology Corp M37544G2SP Datasheet HTML 42Page - Renesas Technology Corp M37544G2SP Datasheet HTML 43Page - Renesas Technology Corp M37544G2SP Datasheet HTML 44Page - Renesas Technology Corp M37544G2SP Datasheet HTML 45Page - Renesas Technology Corp M37544G2SP Datasheet HTML 46Page - Renesas Technology Corp M37544G2SP Datasheet HTML 47Page - Renesas Technology Corp M37544G2SP Datasheet HTML 48Page - Renesas Technology Corp M37544G2SP Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
7544 Group
Rev.1.04
2004.06.08
page 45 of 66
REJ03B0012-0104Z
PROM Mode
M37544G2SP/GP (referred to as “the MCU”) has a PROM Mode
as well as the normal operation mode. PROM Mode enables an
external device (referred to as “Programmer”) to read and pro-
gram the built-in EPROM via a minimum number of serial I/O pins
by sending commands to control the MCU.
To enable PROM Mode, use the pin connection shown in Figure
60 to 61 and apply power (VCC). Then execute the new OTP en-
try operation, called “Mad Dog Entry”.
There are three operation modes in PROM Mode : Read, Program
and Program-Verify. Three commands are defined to enable each
mode respectively.
The format of the serial I/O is : clock synchronous and LSB-data-
first.
P12/SCLK
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
P13/SRDY
P14/CNTR0
P20/AN0
P21/AN1
P22/AN2
P23/AN3
P24/AN4
P25/AN5
VREF
CNVSS
VCC
XIN
XOUT
VSS
RESET
P11/TXD
P10/RXD
P07(LED7)
P06(LED6)
P05(LED5)
P04(LED4)
P03(LED3)/TXOUT
P02(LED2)
P01(LED1)
P00(LED0)/CNTR1
P34(LED12)/INT1
P33(LED11)
P32(LED10)
P31(LED9)
P30(LED8)
P37(LED13)/INT0
ESCLK
RESETB
VPP
VCC
XIN
XOUT
VSS
ESDA
ESPGMB
Fig. 60 “Mad Dog Entry” Pin Diagram (32P4B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com