công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M37544G2SP bảng dữ liệu(PDF) 15 Page - Renesas Technology Corp

tên linh kiện M37544G2SP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37544G2SP bảng dữ liệu(HTML) 15 Page - Renesas Technology Corp

Back Button M37544G2SP Datasheet HTML 11Page - Renesas Technology Corp M37544G2SP Datasheet HTML 12Page - Renesas Technology Corp M37544G2SP Datasheet HTML 13Page - Renesas Technology Corp M37544G2SP Datasheet HTML 14Page - Renesas Technology Corp M37544G2SP Datasheet HTML 15Page - Renesas Technology Corp M37544G2SP Datasheet HTML 16Page - Renesas Technology Corp M37544G2SP Datasheet HTML 17Page - Renesas Technology Corp M37544G2SP Datasheet HTML 18Page - Renesas Technology Corp M37544G2SP Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
7544 Group
Rev.1.04
2004.06.08
page 15 of 66
REJ03B0012-0104Z
I/O Ports
[Direction registers] PiD
The I/O ports have direction registers which determine the input/
output direction of each pin. Each bit in a direction register corre-
sponds to one pin, and each pin can be set to be input or output.
When “1” is set to the bit corresponding to a pin, this pin becomes
an output port. When “0” is set to the bit, the pin becomes an in-
put port.
When data is read from a pin set to output, not the value of the pin
itself but the value of port latch is read. Pins set to input are float-
ing, and permit reading pin values.
If a pin set to input is written to, only the port latch is written to and
the pin remains floating.
[Pull-up control register] PULL
By setting the pull-up control register (address 001616), ports P0
and P3 can exert pull-up control by program. However, pins set to
output are disconnected from this control and cannot exert pull-up
control.
[Port P1P3 control register] P1P3C
By setting the port P1P3 control register (address 001716), a
CMOS input level or a TTL input level can be selected for ports
P10, P12, P34, and P37 by program.
Fig. 16 Structure of port P1P3 control register
Fig. 15 Structure of pull-up control register
Pull-up control register
(PULL: address 001616, initial value: 0016)
P00 pull-up control bit
P01 pull-up control bit
P02, P03 pull-up control bit
P04 – P07 pull-up control bit
P30 – P33 pull-up control bit
P34 pull-up control bit
Disable
P37 pull-up control bit
b7
b0
0 : Pull-up Off
1 : Pull-up On
Note : Pins set to output ports are disconnected from pull-up control.
Port P1P3 control register
(P1P3C: address 001716, initial value: 0016)
b7
b0
P37/INT0 input level selection bit
0 : CMOS level
1 : TTL level
P34/INT1 input level selection bit
0 : CMOS level
1 : TTL level
P10,P12 input level selection bit
0 : CMOS level
1 : TTL level
Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com