công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CSG14K_CSG8K bảng dữ liệu(PDF) 58 Page - ams AG

tên linh kiện CSG14K_CSG8K
Giải thích chi tiết về linh kiện  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K bảng dữ liệu(HTML) 58 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 54Page - ams AG CSG14K_CSG8K Datasheet HTML 55Page - ams AG CSG14K_CSG8K Datasheet HTML 56Page - ams AG CSG14K_CSG8K Datasheet HTML 57Page - ams AG CSG14K_CSG8K Datasheet HTML 58Page - ams AG CSG14K_CSG8K Datasheet HTML 59Page - ams AG CSG14K_CSG8K Datasheet HTML 60Page - ams AG CSG14K_CSG8K Datasheet HTML 61Page - ams AG CSG14K_CSG8K Datasheet HTML 62Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 57
Information
The maximum data rate of the sensor is limited in low-noise mode. Refer to section 7.4.3,
subsection “Set PLL” for more details.
Image Mode Dependent Parameters
A number of timing related parameters are dependent on the selected image mode. The table below
details these parameters, for each image mode. Additional information on maximum framerate,
minimum and maximum exposure time per image mode is listed in Figure 8.
Figure 61:
Image Mode Dependent Parameters
Image Mode
ROW_LENGTHmin
GLOB_BASE
GLOB_LENGTH
PTR_EXP_0
(no shutter lag)
IMG.1
492
496
90
97
IMG.2
492
496
30
NA
IMG.3
492
96
120
96
IMG.4
492
500
90
97
IMG.5
492
500
30
NA
IMG.7
884
500
86
105
7.4.2
Functional Operation Modes
In addition to the previously defined image mode, implementing an optimized sensor readout
performance, the functional behavior of the sensor can be further modified in different operation
modes, listed per category in the table below, allowing for a large number of possible combinations.
Figure 62:
Operation Modes
Modes
Description
Data Multiplexing Modes
MUX.1
Use all 16 output channels (8 per side)
MUX.2
Multiplex image data to 14 output channels (7 per side)
MUX.3
Multiplex image data to 12 output channels (6 per side)
MUX.4
Multiplex image data to 10 output channels (5 per side)
MUX.5
Multiplex image data to 8 output channels (4 per side)
MUX.6
Multiplex image data to 6 output channels (3 per side)
MUX.7
Multiplex image data to 4 output channels (2 per side)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com