| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDB5378 bảng dữ liệu(PDF) 34 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CDB5378 bảng dữ liệu(HTML) 34 Page - Cirrus Logic |
|
34 / 72 page ![]() CDB5378 34 DS639DB3 2.5.4 Dual-row Headers To simplify signal tracing on CDB5378, all device pins connect to dual-row headers. These dual-row head- ers are not populated during board manufacture, but the empty PCB footprint exists on the boards and can be used as test points. The dual-row header pins are shorted on the bottom side of the PCB to pass signals through to the rest of the board. These shorted traces between the dual-row pins can be carefully cut to isolate the device signals from the rest of the PCB to permit wiring changes to the existing route. To restore the previous connection, install a jumper to short across the dual-row pins. Signals taken off the PCB should not be wired directly from the dual-row header pins, as there is no clean path for the signal return current. Instead, install a connector into the prototying area and wire the signal and a ground connection to it. Pairing the signal with a ground return before taking it off the PCB will im- prove signal integrity. Figure 7. Dual-row Headers with Shorts |