| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDB5378 bảng dữ liệu(PDF) 10 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CDB5378 bảng dữ liệu(HTML) 10 Page - Cirrus Logic |
|
10 / 72 page ![]() CDB5378 10 DS639DB3 CDB5378 as an unknown USB device. • If prompted for a USB driver, skip to the next step. If not, using Windows Hardware Device Manager go to the properties of the unknown USB API device and select “Update Driver”. • Select “Install from a list or specific location”, then select “Include this location in the search” and then browse to “C:\Program Files\Cirrus Seismic Evaluation\Driver\”. The PC will recognize and install the USBXpress device driver. • After driver installation, cycle power to CDB5378. The PC will automatically detect it and add it as a USBXpress device in the Windows Hardware Device Manager. An application note, AN271 - Cirrus Seismic Evaluation GUI Installation Guide, is available from the Cirrus Logic web site with step-by-step instructions on installing the USBXpress driver. 1.3.4 Launching the Seismic Evaluation Software Important: For reliable USB communication, the USBXpress driver must be installed after the Seismic Evaluation Software installation but before launching the application. The USBXpress driver files are in- cluded in a sub-folder as part of the installation. To launch the Cirrus Seismic Evaluation Software, go to: • Start Programs Cirrus Seismic Evaluation Cirrus Seismic Evaluation or: • C:\Program Files\Cirrus Seismic Evaluation\SeismicGUI.exe For the most up-to-date information about the software, please refer to its help file: • Within the software: Help Contents or: •Start Programs Cirrus Seismic Evaluation SEISMICGUI or: • C:\Program Files\Cirrus Seismic Evaluation\SEISMICGUI.HLP |