| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMD3702VC bảng dữ liệu(PDF) 39 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TMD3702VC bảng dữ liệu(HTML) 39 Page - ams AG |
|
39 / 57 page ![]() Page 38 Datasheet, Public Document Feedback [v2-00] 2023-Mar-14 TMD3702VC − Register Description CALIBCFG Register (Address 0xD9) Figure 60: CALIBCFG Register Addr: 0xD9 CALIBCFG Bit Bit Name Default Access Bit Description 7:5 BINSRCH_ TARGET 2 (010) RW Proximity offset calibration result target. Value PDATA Target 0 (000) 3 1 (001) 7 2 (010) 15 3 (011) 31 4 (100) 63 5 (101) 127 6 (110) 255 7 (111) 511 4 Reserved 1 RW Reserved. Must be set to default value. 3 AUTO_ OFFSET_ADJ 0RW If set, this bit causes the value in POFFSETL register to be decremented if PDATA ever becomes zero. 2:0 PROX_ AVG 0 (000) RW PROX_AVG defines the number of ADC samples collected and averaged during a cycle which become the proximity result. Value Sample Size 0 (000) Disable 1 (001) 2 2 (010) 4 3 (011) 8 4 (100) 16 5 (101) 32 6 (110) 64 7 (111) 128 |