| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMD3702VC bảng dữ liệu(PDF) 15 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TMD3702VC bảng dữ liệu(HTML) 15 Page - ams AG |
|
15 / 57 page ![]() Page 14 Datasheet, Public Document Feedback [v2-00] 2023-Mar-14 TMD3702VC − Detailed Description I²C Write Transaction A Write transaction consists of a START, CHIP-ADDRESSWRITE, REGISTER-ADDRESS, DATA BYTE(S), and STOP. Following each byte (9TH clock pulse) the slave places an ACKNOWLEDGE/ NOT-ACKNOWLEDGE (ACK/NACK) on the bus. If NACK is transmitted by the slave, the master may issue a STOP. I²C Read Transaction A Read transaction consists of a START, CHIP-ADDRESSWRITE, REGISTER-ADDRESS, START, CHIP-ADDRESSREAD, DATA BYTE(S), and STOP. Following all but the final byte the master places an ACK on the bus (9TH clock pulse). Termination of the Read transaction is indicated by a NACK being placed on the bus by the master, followed by STOP. Alternately, if the previous I²C transaction was a Read, the internal register address buffer is still valid, allowing the transaction to proceed without “re”-specifying the register address. In this case the transaction consists of a START, CHIP-ADDRESSREAD, DATA BYTE(S), and STOP. Following all but the final byte the master places an ACK on the bus (9TH clock pulse). Termination of the Read transaction is indicated by a NACK being placed on the bus by the master, followed by STOP. The I²C bus protocol was developed by Philips (now NXP). For a complete description of the I²C protocol, please review the NXP I²C design specification at: www.i2c-bus.org/references/ Figure 18: I²C Timing Diagrams START START STOP STOP tBUF tLOW tHD; STA tR tF VIH VIL VIH VIL tSU; DAT tSU; STA tHD; DAT tHIGH tSU; STO SCL SDA |