| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC68340 bảng dữ liệu(PDF) 244 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68340 bảng dữ liệu(HTML) 244 Page - Freescale Semiconductor, Inc |
|
244 / 441 page ![]() MOTOROLA MC68340 USER’S MANUAL 5- 107 5.7.3.8 SINGLE OPERAND INSTRUCTIONS. The single operand instruction table indicates the number of clock periods needed for the processor to perform the specified operation using the specified addressing mode. The total number of clock cycles is outside the parentheses. The numbers inside parentheses (r/p/w) are included in the total clock cycle number. All timing data assumes two-clock reads and writes. Instruction Head Tail Cycles CLR Dn 0 0 2(0/1/0) CLR 〈CEA〉 0 2 4(0/1/x) NEG Dn 0 0 2(0/1/0) NEG 〈FEA〉 0 3 5(0/1/x) NEGX Dn 0 0 2(0/1/0) NEGX 〈FEA〉 0 3 5(0/1/x) NOT Dn 0 0 2(0/1/0) NOT 〈FEA〉 0 3 5(0/1/x) EXT Dn 0 0 2(0/1/0) NBCD Dn 2 0 4(0/1/0) NBCD 〈FEA〉 0 2 6(0/1/1) Scc Dn 2 0 4(0/1/0) Scc 〈CEA〉 2 2 6(0/1/1) TAS Dn 4 0 6(0/1/0) TAS 〈CEA〉 1 0 10(0/1/1) TST 〈FEA〉 0 0 2(0/1/0) X = There is one bus cycle for byte and word operands and two bus cycles for long-word operands. For long-word bus cycles, add two clocks to the tail and to the number of cycles. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |