| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC68340 bảng dữ liệu(PDF) 243 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68340 bảng dữ liệu(HTML) 243 Page - Freescale Semiconductor, Inc |
|
243 / 441 page ![]() 5- 106 MC68340 USER’S MANUAL MOTOROLA 5.7.3.7 BINARY-CODED DECIMAL AND EXTENDED INSTRUCTIONS. The BCD and extended instruction table indicates the number of clock periods needed for the processor to perform the specified operation using the specified addressing mode. No additional tables are needed to calculate total effective execution time for these instructions. The total number of clock cycles is outside the parentheses. The numbers inside parentheses (r/p/w) are included in the total clock cycle number. All timing data assumes two-clock reads and writes. Instruction Head Tail Cycles ABCD Dn, Dm 2 0 4(0/1/0) ABCD −(An), −(Am) 2 2 12(2/1/1) SBCD Dn, Dm 2 0 4(0/1/0) SBCD −(An), −(Am) 2 2 12(2/1/1) ADDX Dn, Dm 0 0 2(0/1/0) ADDX −(An), −(Am) 2 2 10(2/1/1) SUBX Dn, Dm 0 0 2(0/1/0) SUBX −(An), −(Am) 2 2 10(2/1/1) CMPM (An)+, (Am)+ 1 0 8(2/1/0) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |