công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7789V2 bảng dữ liệu(PDF) 213 Page - Sitronix Technology Co., Ltd.

tên linh kiện ST7789V2
Giải thích chi tiết về linh kiện  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SITRONIX [Sitronix Technology Co., Ltd.]
Trang chủ  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 bảng dữ liệu(HTML) 213 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 209Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 210Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 211Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 212Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 213Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 214Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 215Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 216Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 217Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 319 page
background image
ST7789V2
Version 1.0
Page 213 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.26 TEOFF (34h): Tearing Effect Line OFF
34H
TEOFF (Tearing Effect Line OFF)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
TEOFF
0
↑
1
-
0
0
1
1
0
1
0
0
(34h)
parameter
No Parameter
Description
-This command is used to turn OFF (Active Low) the Tearing Effect output signal from the TE signal line.
Restriction
This command has no effect when tearing effect output is already off..
Register
availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Off
S/W Reset
Off
H/W Reset
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More