công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7789V2 bảng dữ liệu(PDF) 192 Page - Sitronix Technology Co., Ltd.

tên linh kiện ST7789V2
Giải thích chi tiết về linh kiện  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SITRONIX [Sitronix Technology Co., Ltd.]
Trang chủ  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 bảng dữ liệu(HTML) 192 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 188Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 189Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 190Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 191Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 192Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 193Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 194Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 195Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 196Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 319 page
background image
ST7789V2
Version 1.0
Page 192 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.16 INVON (21h): Display Inversion On
21H
INVON (Display Inversion On)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
INVON
0
↑
1
-
0
0
1
0
0
0
0
1
(21h)
parameter
No Parameter
Description
-This command is used to recover from display inversion mode.
“-“ Don’t care
Restriction
This command has no effect when module is already in inversion on mode.
Register
availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Display inversion off
S/W Reset
Display inversion off
H/W Reset
Display inversion off
Top-Left (0,0)
(Example)
Memory
Display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More