| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7789V2 bảng dữ liệu(PDF) 176 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7789V2 bảng dữ liệu(HTML) 176 Page - Sitronix Technology Co., Ltd. |
|
176 / 319 page ![]() ST7789V2 Version 1.0 Page 176 of 319 2016/11 Sitronix Confidential The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Sitronix. 9.1.7 RDDCOLMOD (0Ch): Read Display Pixel Format 0CH RDDCOLMOD (Read Display Pixel Format) Inst / Para D/CX WRX RDX D17-8 D7 D6 D5 D4 D3 D2 D1 D0 HEX RDDCOLMOD 0 ↑ 1 - 0 0 0 0 1 1 0 0 (0Ch) 1st parameter 1 1 ↑ - - - - - - - - - - 2nd parameter 1 1 ↑ - 0 D6 D5 D4 0 D2 D1 D0 Description This command indicates the current status of the display as described in the table below: Bit Description Value D7 - Set to ‘0’ D6 RGB interface color format ‘101’ = 16 bit/pixel ‘110’ = 18 bit/pixel D5 D4 D3 - Set to ‘0’ D2 Control interface color format ‘101’ = 16 bit/pixel ‘110’ = 18 bit/pixel D1 D0 Others are no define and invalid “-“ Don’t care Restriction Register availability Status Availability Normal Mode On, Idle Mode Off, Sleep Out Yes Normal Mode On, Idle Mode On, Sleep Out Yes Partial Mode On, Idle Mode Off, Sleep Out Yes Partial Mode On, Idle Mode On, Sleep Out Yes Sleep In Yes Default Status Default Value Power On Sequence 0000-0110 (18 bit/pixel) S/W Reset No change H/W Reset 0000-0110 (18 bit/pixel) |