công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7789V2 bảng dữ liệu(PDF) 155 Page - Sitronix Technology Co., Ltd.

tên linh kiện ST7789V2
Giải thích chi tiết về linh kiện  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SITRONIX [Sitronix Technology Co., Ltd.]
Trang chủ  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 bảng dữ liệu(HTML) 155 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 151Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 152Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 153Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 154Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 155Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 156Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 157Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 158Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 159Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 319 page
background image
ST7789V2
Version 1.0
Page 155 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
Combine Display brightness
Green line in the following graph is for the output brightness of display. It is combined with both display
brightness, which are defined in the above graphs.
Maximum transition time is transition time A+B.
Brightness level calculates with the following formula.
Display Output brightness = Manual Brightness setting * CABC brightness ratio
Manual Brightness setting
Brightness ratio [CABC]
Display Output brightness
Case 1
85%
80%
68%
Case 2
60%
70%
42%
Case 3
85%
90%
76.5%
Transition time from the current brightness to target brightness is A+B in the worst case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More