công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7789V2 bảng dữ liệu(PDF) 222 Page - Sitronix Technology Co., Ltd.

tên linh kiện ST7789V2
Giải thích chi tiết về linh kiện  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SITRONIX [Sitronix Technology Co., Ltd.]
Trang chủ  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 bảng dữ liệu(HTML) 222 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 218Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 219Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 220Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 221Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 222Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 223Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 224Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 225Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 226Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 319 page
background image
ST7789V2
Version 1.0
Page 222 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.30 IDMOFF (38h): Idle Mode Off
38H
IDMOFF (Idle Mode Off)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
IDMOFF
0
↑
1
-
0
0
1
1
1
0
0
0
(38h)
parameter
No Parameter
Description
-This command is used to recover from Idle mode on.
-In the idle off mode,
1. LCD can display 4096, 65k or 262k colors.
2. Normal frame frequency is applied.
Restriction
This command has no effect when module is already in idle off mode
Register
availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Idle mode off
S/W Reset
Idle mode off
H/W Reset
Idle mode off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More