công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICSSSTUAF32868B bảng dữ liệu(PDF) 19 Page - Renesas Technology Corp

tên linh kiện ICSSSTUAF32868B
Giải thích chi tiết về linh kiện  28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICSSSTUAF32868B bảng dữ liệu(HTML) 19 Page - Renesas Technology Corp

Back Button ICSSSTUAF32868B Datasheet HTML 15Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 16Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 17Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 18Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 19Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 20Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 21Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 22Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
ICSSSTUAF32868B
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
19
ICSSSTUAF32868B
7102/2
Test Circuits and Waveforms (VDD = 1.8V ± 0.1V)
Load Circuit: High-to-Low Slew-Rate Adjustment
Voltage Waveforms: High-to-Low Slew-Rate Adjustment
Load Circuit: Low-to-High Slew-Rate Adjustment
Voltage Waveforms: Low-to-High Slew-Rate Adjustment
Load Circuit: Error Output Measurements
Voltage Waveforms: Open Drain Output Low-to-High
Transition Time (with respect to RESET input)
Voltage Waveforms: Open Drain Output High-to-Low
Transition Time (with respect to clock inputs)
Voltage Waveforms: Open Drain Output Low-to-High
Transition Time (with respect to clock inputs)
NOTES:
1. CL includes probe and jig capacitance.
2. All input pulses are supplied by generators having the following characteristics: PRR
≤10MHz, Zo = 50Ω, input
slew rate = 1 V/ns ±20% (unless otherwise specified).
CL =10 pF
RL =50
Ω
DUT
Out
Test Point
VDD
VOH
80%
20%
VOL
Output
dv_f
dt_f
CL =10pF
RL =50
Ω
DUT
Out
Test Point
VOL
20%
80%
VOH
Output
dv_r
dt_r
CL =10 pF
RL =1K
Ω
DUT
Out
Test Point
VDD
VOH
VCC
Output
Waveform 2
LVCMOS
RESET
Input
tPLH
VCC/2
0.15V
0V
0V
VCC
VICR
tHL
Timing
Inputs
VICR
VI(PP)
Output
Waveform 1
VCC/2
VOL
VOH
Output
Waveform 2
0.15V
0V
VICR
tHL
Timing
Inputs
VICR
VI(PP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com