công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICSSSTUAF32868B bảng dữ liệu(PDF) 11 Page - Renesas Technology Corp

tên linh kiện ICSSSTUAF32868B
Giải thích chi tiết về linh kiện  28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICSSSTUAF32868B bảng dữ liệu(HTML) 11 Page - Renesas Technology Corp

Back Button ICSSSTUAF32868B Datasheet HTML 7Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 8Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 9Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 10Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 11Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 12Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 13Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 14Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
ICSSSTUAF32868B
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
11
ICSSSTUAF32868B
7102/2
Terminal Functions
Terminal Name
Electrical
Characteristics
Description
GND
Ground Input
Ground
VDD
1.8V nominal
Power Supply Voltage
VREF
0.9V nominal
Input Reference Clock
CLK
Differential Input
Positive Master Clock Input
CLK
Differential Input
Negative Master Clock Input
C
LVCMOS Input
Configuration Control Inputs - Register A or Register B
RESET
LVCMOS Input
Asynchronous Reset Input. Resets registers and disables Vref data
and clock differential-input receivers.
CSGEN
LVCMOS Input
Chip select gate enable – When high, D1-D28 inputs will be latched
only when at least one chip select input is low during the rising edge
of the clock. When low, the D1-D28 inputs will be latched and
redriven on every rising edge of the clock.
D1 - D28
SSTL_18 Input
Data Input. Clocked in on the crossing of the rising edge of CLK
and the falling edge of CLK.
DCS0, DCS1
SSTL_18 Input
Chip select inputs – These pins initiate DRAM address/command
decodes, and as such at least one will be low when a valid
address/command is present. The Register can be programmed to
redrive all D inputs (CSGEN high) only when at least one chip select
input is low. If CSGEN, DCS0, and DCS1 inputs are high, D1-D28
inputs will be disabled.
DCKE0, DCKE1
SSTL_18 Input
The outputs of this register bit will not be suspended by the DCS0
and DCS1 controls
DODT0, DODT1
SSTL_18 Input
The outputs of this register bit will not be suspended by the DCS0
and DCS1 controls
PAR_IN
SSTL_18 Input
Parity Input arrives one cycle after corresponding data input
Q1 - Q28
1.8V CMOS
Data Outputs that are suspended by the DCS0 and DCS1 controls
QCS0, QCS1
1.8V CMOS
Data Output that will not be suspended by the DCS0 and DCS1
controls
QCKE0, QCKE1
1.8V CMOS
Data Output that will not be suspended by the DCS0 and DCS1
controls
QODT0, QODT1
1.8V CMOS
Data Output that will not be suspended by the DCS0 and DCS1
controls
QERR
Open Drain Output
Output Error bit, generated one cycle after the corresponding data
output
NC
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com