công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICSSSTUAF32868B bảng dữ liệu(PDF) 9 Page - Renesas Technology Corp

tên linh kiện ICSSSTUAF32868B
Giải thích chi tiết về linh kiện  28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICSSSTUAF32868B bảng dữ liệu(HTML) 9 Page - Renesas Technology Corp

Back Button ICSSSTUAF32868B Datasheet HTML 5Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 6Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 7Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 8Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 9Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 10Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 11Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 12Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
ICSSSTUAF32868B
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
9
ICSSSTUAF32868B
7102/2
Parity and Standby Function Table
Inputs1
Outputs
RESET
DCS0
DCS1
CLK
CLK
Σ of Inputs = H (D1 - D28)
PAR_IN2
QERR3
HL
X
↑↓
Even
L
H
HL
X
↑↓
Odd
L
L
HL
X
↑↓
Even
H
L
HL
X
↑↓
Odd
H
H
HX
L
↑↓
Even
L
H
HX
L
↑↓
Odd
L
L
HX
L
↑↓
Even
H
L
HX
L
↑↓
Odd
H
H
HH
H
↑↓
XX
QERR0
4
HX
X
↑↓
XX
QERR0
LX or
Floating
X or
Floating
X or
Floating
X or
Floating
X or Floating
X or Floating
H
1
H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
↑ = LOW to HIGH
↓ = HIGH to LOW
2
PAR_IN arrives one clock cycle after the data to which it applies.
3
This transition assumes QERR is HIGH at the crossing of CLK going HIGH and CLK going LOW. If
QERR is LOW, it stays latched LOW for two clock cycles or until RESET is driven LOW.
4
If DCS0, DCS1, and CSGEN are driven HIGH, the device is placed in low-power mode (LPM). If a parity
error occurs on the clock cycle before the device enters the LPM and the QERR output is driven LOW, it stays
latched LOW for the LPM plus two clock cycles or until RESET is driven LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com