công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP3457G bảng dữ liệu(PDF) 17 Page - Micronas

tên linh kiện MSP3457G
Giải thích chi tiết về linh kiện  Multistandard Sound Processor Family
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRONAS [Micronas]
Trang chủ  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3457G bảng dữ liệu(HTML) 17 Page - Micronas

Back Button MSP3457G Datasheet HTML 13Page - Micronas MSP3457G Datasheet HTML 14Page - Micronas MSP3457G Datasheet HTML 15Page - Micronas MSP3457G Datasheet HTML 16Page - Micronas MSP3457G Datasheet HTML 17Page - Micronas MSP3457G Datasheet HTML 18Page - Micronas MSP3457G Datasheet HTML 19Page - Micronas MSP3457G Datasheet HTML 20Page - Micronas MSP3457G Datasheet HTML 21Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 81 page
background image
PRELIMINARY DATA SHEET
MSP 34x7G
Micronas
17
.
Table 3–5: List of MSP 34x7G Write Registers
Write Register
Address
(hex)
Bits
Description and Adjustable Range
Reset
See
Page
I2C Sub-Address = 10hex ; Registers are not readable
STANDARD SELECT
00 20
[15:0]
Initial Programming of the Demodulator
00 00
19
MODUS
00 30
[15:0]
Demodulator, Automatic options
00 00
21
I2C Sub-Address = 12hex ; Registers are all readable by using I
2C Sub-Address = 13
hex
Volume loudspeaker channel
00 00
[15:8]
[+12 dB ...
−114 dB, MUTE]
MUTE
26
Volume / Mode loudspeaker channel
[7:0]
1/8 dB Steps,
Reduce Volume / Tone Control / Compromise /
Dynamic
00hex
Volume SCART1 output channel
00 07
[15:8]
[
+12 dB ... −114 dB, MUTE]
MUTE
27
Loudspeaker source select
00 08
[15:8]
[FM/AM, NICAM, SCART, I2S1, I2S2]
FM/AM
25
Loudspeaker channel matrix
[7:0]
[SOUNDA, SOUNDB, STEREO, MONO...]
SOUNDA
25
SCART1 source select
00 0A
[15:8]
[FM/AM, NICAM, SCART, I2S1, I2S2]
FM/AM
25
SCART1 channel matrix
[7:0]
[SOUNDA, SOUNDB, STEREO, MONO...]
SOUNDA
25
Quasi-peak detector source select
00 0C
[15:8]
[FM/AM, NICAM, SCART, I2S1, I2S2]
FM/AM
25
Quasi-peak detector matrix
[7:0]
[SOUNDA, SOUNDB, STEREO, MONO...]
SOUNDA
25
Prescale SCART input
00 0D
[15:8]
[00hex ... 7Fhex]00hex
24
Prescale FM/AM
00 0E
[15:8]
[00hex ... 7Fhex]00hex
23
FM matrix
[7:0]
[NO_MAT, GSTERERO, KSTEREO]
NO_MAT
24
Prescale NICAM
00 10
[15:8]
[00hex ... 7Fhex] (MSP 3417G, MSP 3457G only)
00hex
24
ACB : SCART Switches a. D_CTR_I/O
00 13
[15:0]
Bits[15:0]
00hex
28
Beeper
00 14
[15:0]
[00hex ... 7Fhex]/[00hex ... 7Fhex]0/0
28
Automatic Volume Correction
00 29
[15:8]
[off, on, decay time]
off
27
Table 3–6: List of MSP 34x7G Read Registers
Read Register
Address
(hex)
Bits
Description and Adjustable Range
See
Page
I2C Sub-Address = 11hex ; Registers are not writable
STANDARD RESULT
00 7E
[15:0]
Result of Automatic Standard Detection (see Table 3–8)
22
STATUS
02 00
[15:0]
Monitoring of internal settings e.g. Stereo, Mono, Mute etc.
22
I2C Sub-Address = 13hex ; Registers are not writable
Quasi-peak readout left
00 19
[15:0]
[00hex ... 7FFFhex] 16 bit two’s complement
29
Quasi-peak readout right
00 1A
[15:0]
[00hex ... 7FFFhex] 16 bit two’s complement
29
MSP hardware version code
00 1E
[15:8]
[00hex ... FFhex]29
MSP major revision code
[7:0]
[00hex ... FFhex]29
MSP product code
00 1F
[15:8]
[00hex ... FFhex]29
MSP ROM version code
[7:0]
[00hex ... FFhex]29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com