công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP3457G bảng dữ liệu(PDF) 69 Page - Micronas

tên linh kiện MSP3457G
Giải thích chi tiết về linh kiện  Multistandard Sound Processor Family
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRONAS [Micronas]
Trang chủ  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3457G bảng dữ liệu(HTML) 69 Page - Micronas

Back Button MSP3457G Datasheet HTML 65Page - Micronas MSP3457G Datasheet HTML 66Page - Micronas MSP3457G Datasheet HTML 67Page - Micronas MSP3457G Datasheet HTML 68Page - Micronas MSP3457G Datasheet HTML 69Page - Micronas MSP3457G Datasheet HTML 70Page - Micronas MSP3457G Datasheet HTML 71Page - Micronas MSP3457G Datasheet HTML 72Page - Micronas MSP3457G Datasheet HTML 73Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 81 page
background image
PRELIMINARY DATA SHEET
MSP 34x7G
Micronas
69
6.3.6. FIR-Parameter, Registers FIR1 and FIR2
Note: The use of this register is no longer recom-
mended. Use it only in cases where software compati-
bility to the MSP 34x7D is required. Using the STAN-
DARD SELECTION register together with the MODUS
register provides a more economic way to program the
MSP 34x7G.
Data shaping and/or FM/AM bandwidth limitation is
performed by a pair of linear phase Finite Impulse
Response filters (FIR-filter). The filter coefficients are
programmable and either are configured automatically
by the STANDARD SELECT register or written manu-
ally by the control processor via the control bus. Two
not necessarily different sets of coefficients are
required: one for MSP-Ch1 (NICAM or FM2) and one
for MSP-Ch2 (FM1 = FM-mono). In Table 6–14 several
coefficient sets are proposed.
To load the FIR-filters, the following data values are to
be
transferred
8
bits
at
a
time
embedded
LSB-bound in a 16-bit word.
The loading sequences must be obeyed. To change a
coefficient set, the complete block FIR1 or FIR2 must
be transmitted.
Note: For compatibility with MSP 3410B, IMREG1 and
IMREG2 have to be transmitted. The value for
IMREG1 and IMREG2 is 004. Due to the partitioning to
8-bit units, the values 04hex, 40hex, and 00hex arise.
6.3.7. DCO-Registers
Note: The use of this register is no longer recom-
mended. It should be used only in cases where soft-
ware compatibility to the MSP 34x7D is required.
Using the STANDARD SELECTION register together
with the MODUS register provides a more economic
way to program the MSP 34x7G.
When selecting a TV-sound standard by means of the
STANDARD SELECT register, all frequency tuning is
performed automatically.
IF manual setting of the tuning frequency is required, a
set of 24-bit registers determining the mixing frequen-
cies of the quadrature mixers can be written manually
into the IC. In Table 6–15, some examples of DCO reg-
isters are listed. It is necessary to divide them up into
low part and high part. The formula for the calculation
of the registers for any chosen IF-Frequency is as fol-
lows:
INCRdec = int(f/fs ⋅ 2
24)
with: int = integer function
f
= IF-frequency in MHz
fS = sampling frequency (18.432 MHz)
Conversion of INCR into hex-format and separation of
the 12-bit low and high parts lead to the required regis-
ter values (DCO1_HI or _LO for MSP-Ch1, DCO2_HI
or LO for MSP-Ch2).
Table 6–13: Loading sequence for FIR-coefficients
FIR1
00 01hex (MSP-Ch1: NICAM/FM2)
No.
Symbol Name
Bits
Value
1
NICAM/FM2_Coeff. (5)
8
see Table 6–14
2
NICAM/FM2_Coeff. (4)
8
3
NICAM/FM2_Coeff. (3)
8
4
NICAM/FM2_Coeff. (2)
8
5
NICAM/FM2_Coeff. (1)
8
6
NICAM/FM2_Coeff. (0)
8
FIR2
00 05hex (MSP-Ch2: FM1/AM)
No.
Symbol Name
Bits
Value
1IMREG1
8
04hex
2
IMREG1 / IMREG2
8
40hex
3IMREG2
8
00hex
4
FM/AM_Coef (5)
8
see Table 6–14
5
FM/AM_Coef (4)
8
6
FM/AM_Coef (3)
8
7
FM/AM_Coef (2)
8
8
FM/AM_Coef (1)
8
9
FM/AM_Coef (0)
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com