công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP3457G bảng dữ liệu(PDF) 75 Page - Micronas

tên linh kiện MSP3457G
Giải thích chi tiết về linh kiện  Multistandard Sound Processor Family
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRONAS [Micronas]
Trang chủ  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3457G bảng dữ liệu(HTML) 75 Page - Micronas

Back Button MSP3457G Datasheet HTML 71Page - Micronas MSP3457G Datasheet HTML 72Page - Micronas MSP3457G Datasheet HTML 73Page - Micronas MSP3457G Datasheet HTML 74Page - Micronas MSP3457G Datasheet HTML 75Page - Micronas MSP3457G Datasheet HTML 76Page - Micronas MSP3457G Datasheet HTML 77Page - Micronas MSP3457G Datasheet HTML 78Page - Micronas MSP3457G Datasheet HTML 79Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 81 page
background image
PRELIMINARY DATA SHEET
MSP 34x7G
Micronas
75
6.7. Demodulator Source Channels in Manual Mode
6.7.1. Terrestric Sound Standards
Table 6–17 shows the source channel assignment of
the demodulated signals in case of manual mode for
all terrestric sound standards. See Table 2–2 for the
assignment in the Automatic Sound Select mode. In
manual mode for terrestric sound standards, only two
demodulator sources are defined.
6.7.2. SAT Sound Standards
Table 6–18 shows the source channel assignment of
the demodulated signals for SAT sound standards.
6.8. Exclusions of Audio Baseband Features
In general, all functions can be switched independently.
Two exceptions exist:
1. NICAM cannot be processed simultaneously with
the FM2 channel.
2. FM adaptive deemphasis cannot be processed
simultaneously with FM-identification.
6.9. Compatibility Restrictions to MSP 34x7D
The MSP 34x7G is fully hardware compatible to the
MSP 34x7D. However, to substitute a MSP 34x7D by
the corresponding MSP 34x7G, the controller software
has to be adapted slightly:
1. The register FM-Matrix (00 0Ehex low part) must be
changed from “no matrix (00hex)” to “sound A mono
(03hex)” during mono transmission of all TV-sound
standards (see also Table 6–17).
2. With the MSP 34x7G, the STANDARD SELECTION
initializes the FM-deemphasis, which is not the case
for the MSP 34x7D. So, if STANDARD SELECTION
is applied, this I2C instruction can be omitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com