| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD4052BM bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CD4052BM bảng dữ liệu(HTML) 5 Page - Texas Instruments |
|
5 / 48 page ![]() 6 Specifications 6.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)(1) (2) MIN MAX UNIT Supply Voltage V+ to V-, Voltages Referenced to VSS Terminal –0.5 20 V DC Input Voltage –0.5 VDD+0.5 V DC Input Current Any One Input –10 10 mA TJMAX1 Maximum junction temperature, ceramic package 175 °C TJMAX2 Maximum junction temperature, plastic package 150 °C Tstg Storage temperature –65 150 °C (1) Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltages are with respect to ground, unless otherwise specified. 6.2 ESD Ratings VALUE UNIT CD4051B in PDIP, CDIP, SOIC, and SOP Packages V(ESD) Electrostatic discharge Human body model (HBM), per ANSI/ESDA/ JEDEC JS-001, all pins(1) ±3000 V Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2) ±2000 CD4053B in PDIP, CDIP and SOP Packages V(ESD) Electrostatic discharge Human body model (HBM), per ANSI/ESDA/ JEDEC JS-001, all pins(1) ±2500 V Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2) ±1500 CD4051B and CD4053B in TSSOP Package V(ESD) Electrostatic discharge Human body model (HBM), per ANSI/ESDA/ JEDEC JS-001, all pins((1)) ±2000 V Charged device model (CDM), per JEDEC specification JESD22-C101, all pins((2)) ±500 (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 6.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN NOM MAX UNIT Temperature Range –55 125 °C 6.4 Thermal Information THERMAL METRIC(1) CD405x UNIT E (PDIP) M (SOIC) NS (SOP) PW (TSSOP) 16 PINS 16 PINS 16 PINS 16 PINS RθJA Junction-to-ambient thermal resistance 67 73 64 116.5 °C/W (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report. www.ti.com CD4051B, CD4052B, CD4053B SCHS047K – AUGUST 1998 – REVISED MARCH 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 5 Product Folder Links: CD4051B CD4052B CD4053B |