| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MS02A12-32SW bảng dữ liệu(PDF) 23 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
MS02A12-32SW bảng dữ liệu(HTML) 23 Page - ITT Industries |
|
23 / 25 page ![]() A-60 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change A Cannon KPT/KPSE MIL-C-26482 Series I Connectors How to Order - Special Termination Connectors PREFIX KPT KPT KPT KPSE KPSE KPSE 03 04 05 03 04 05 18 18 18 18 18 18 P P P P P P W W W W W W 32 32 32 32 32 32 - - - - - - - - - - - - SHELL STYLE SHELL SIZE CONTACT ARRANGEMENT CONTACT TYPE ALTERNATE INSERT POSITION Contact ITT Cannon for additional Information P - PIN S - Socket DASH (No Class required, less rear termination) Solder Type KPT03/04/05 - Supplied less endball, ferrule and grommet. KPT03 KPT04 KPT05 Crimp Type KPSE03/04/05 - Supplied less endball, ferrule. Twist Pull Lanyard Release Coupler Plug KPSE03 KPT06/KPSE06 KPSE04 KPSE05 KPT KPSE 6 6 A E 22 22 55 55 P S W Z 16 16 - - PREFIX SHELL STYLE SERVICE TYPE SHELL SIZE CONTACT ARRANGEMENT CONTACT TYPE POLARIZATION MODIFICATION CODE* *Omit (0) of shell style indication when using this modification code. 16 = Overall length of connector including lanyard to be 6.0 (152.40) +_ .125 (3.18) when measured over a 1.0 (25.40) +_ .005 (0.13) diameter mandrel. ca_A1-A163.qxd:Layout 1 2/9/11 7:49 PM Page 60 |