| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MS02A12-32SW bảng dữ liệu(PDF) 16 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
MS02A12-32SW bảng dữ liệu(HTML) 16 Page - ITT Industries |
|
16 / 25 page ![]() A-53 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change A Special Versions with Grounding Continuity Receptacle with Grounding Continuity (for shielded cable) These connectors are designed for ensuring continuity. • At the cable shielding level (to protect it against radio frequency interferences) • At the grounding level (if it is connected to the shielding) The plugs are manufactured with grounding fingers sol- dered to the front face of the shell. They make contact with the inner side of the receptacle shell. Plug and receptacle feature a special endbell which sup- ports the cable shielding. The connectors are in accor- dance with the VG 95328 specification. KPT/KPSE 0E...DZ Shell A B C D E K L M R S øT Size +.003-0.13 Min. +0.5 Max. 1.00 ±0.25 Max. ±0.15 ±0.15 Max. ±0.15 †8 .472 (12.00) .360 (6.6) .630 (16.0) .524 (13.3) .590 (15.0) .531 (13.5) 2.047 (52.0) .457 (11.6) .594 (15.1) .827 (21.0) .120 (3.05) 10 .590 (15.00) .362 (9.2) .709 (18.0) .634 (16.1) .590 (15.0) .531 (13.5) 2.047 (52.0) .457 (11.6) .720 (18.3) .953 (24.2) .120 (3.05) 12 .750 (19.05) .480 (12.2) .866 (22.0) .787 (20.0) .669 (17.0) .531 (13.5) 2.440 (62.0) .457 (11.6) .811 (20.6) 1.047 (26.6) .120 (3.05) 14 .875 (22.23) .598 (15.2) .984 (25.0) .874 (22.2) .709 (18.0) .531 (13.5) 2.440 (62.0) .457 (11.6) .905 (23.0) 1.142 (29.0) .120 (3.05) 16 1.00 (25.40) .720 (18.3) 1.102 (28.0) 1.031 (26.2) .709 (18.0) .531 (13.5) 2.440 (62.0) .457 (11.6) .968 (24.6) 1.232 (31.3) .120 (3.05) 18 1.125 (28.58) .787 (20.0) 1.259 (32.0) 1.122 (28.5) .709 (18.0) .531 (13.5) 2.440 (62.0) .457 (11.6) 1.063 (27.0) 1.327 (33.7) .120 (3.05) 20 1.25 (31.75) .905 (23.0) 1.338 (34.0) 1.280 (32.5) .709 (18.0) .650 (16.5) 2.440 (62.0) .561 (14.25) 1.157 (29.4) 1.453 (36.9) .120 (3.05) 22 1.375 (34.93) 1.023 (26.0) 1.50 (38.0) 1.370 (34.8) .709 (18.0) .650 (16.5) 2.440 (62.0) .561 (14.25) 1.248 (31.7) 1.579 (40.1) .120 (3.05) 24 1.50 (38.10) 1.134 (28.8) 1.614 (41.0) 1.492 (37.9) .709 (18.0) .681 (17.3) 2.440 (62.0) .594 (15.1) 1.374 (34.9) 1.705 (43.3) .148 (3.75) † In series KPSE only contact arrangements 8-3A and 8-33 available L D E A K M B T R S C Cannon KPT/KPSE MIL-C-26482 Series I Connectors ca_A1-A163.qxd:Layout 1 2/9/11 7:49 PM Page 53 |